PART |
Description |
Maker |
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
AN1224 |
LDMOS RF POWER TRANSISTORS FOR FM BROADBOARD APPLICATION
|
SGS Thomson Microelectronics
|
LET20015 |
RF POWER TRANSISTORS LDMOS ENHANCED TECHNOLOGY IN PLASTIC PACKAGE
|
ST Microelectronics
|
LET9006 |
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
|
STMicroelectronics
|
LET9060S |
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
|
STMICROELECTRONICS[STMicroelectronics]
|
ATC100B9R1CT500XT MCGPR63V477M13X26-RH ATC100B0R7B |
RF Power LDMOS Transistors RF Power LDMOS Transistors
|
Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
UT--141C--25 CRCW120610R0JNEA MCGPR63V477M13X26--R |
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
|
Freescale Semiconductor, Inc
|
BLF6G21-10G |
Power LDMOS transistor 10 W LDMOS power transistor for base station applications at frequencies from HF to 2200 MHz.
|
NXP Semiconductors N.V.
|
BLF6G27S-4508 BLF6G27S-45 BLF6G27-45 |
Product description45 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz. WiMAX power LDMOS transistor
|
NXP Semiconductors N.V.
|
1011LD110 |
RF Power Transistors: AVIONICS 110 Watts, 32 Volts Pulsed Avionics 1030 to 1090 MHz LDMOS FET
|
ADPOW[Advanced Power Technology]
|
0805 1008 T491X226K035AS 100B100JCA500X 100B120JP5 |
RF LDMOS Wideband Integrated Power Amplifiers MW4IC001MR4 W-CDMA 0.8-2.17 GHz, 900 mW, 28 V RF LDMOS Wideband Integrated Power Amplifier
|
Freescale Semiconductor, In... FREESCALE[Freescale Semiconductor, Inc] Motorola
|